Part Number Hot Search : 
FJN4313R 20M16 L5201 BCR19 2SD2240R B270005 SE1230Q DIP24
Product Description
Full Text Search
 

To Download AF-160128A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AF-160128A
FEATURE
1.Construction : LCD panel, andTCM.(Optional EL or Yellow-Green Edge LED) 2.Display type : FSTN, Positive, T ransflective, polarizer, 6 oclock view 3.Driver : IC SED15E06 4.2.7V single power input. 5.Extended temperature type.
160 x 128 dots BLOCK DIAGRAM
1/128 Duty
ELECTRICAL CHARACTERISTICS
Parameter LCD Driving Voltage Supply Current Symbol V0-VSS IDD Condition Typ.Value 25oC VDD=2.7V 11.7 0.25 Unit. V mA
INTERFACE
1 VDD 10 D0 2 VSS 11 P/S 3 4 5 D5 14 6 D4 15 A0 7 D3 16 /RES 8 D2 17 9 D1 18
D7(SI) D6(SCL) 12 C86 13
/RD.E /WR.R/W
/CS1 TEST
w
w
w
t a .D
S a
e h
U t4 e
.c
m o
A BLOCK
Connector CN1:Molex:52745-1890/52746-1890
64
w
w
w
.D
a
aS t
ee h
4U t
om .c


▲Up To Search▲   

 
Price & Availability of AF-160128A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X